absolute maximum ratings (ta=25oc) i t e m s s y m b o l r a t i n g s u n i t forward current (dc) if 100 ma forward current (pulse)*1 ifp 1 a reverse voltage vr 5 v power dissipation pd 100 mw operating temperature range topr -25 ~ +85 oc storage temperature range tstg -30 ~ +100 oc junction temperature tj 100 oc lead soldering temperature*2 tls 260 oc peak emission wavelength: 1300nm the 1300nm ir emitter series is designed for applications requiring high output and precise optical / mechanical axis alignment. custom package solutions and sorting are available. f e a t u r e s > metal can package > high output power > high reliability a p p l i c a t i o n s > optical switches > security systems > fiber optical communications electrical & optical characteristics (ta = 25oc) i t e m s s y m b o l c o n d i t i o n s m i n t y p m a x u n i t power output po if=50ma -- 1.0 -- mw forward voltage vf if=50ma -- 0.8 1.1 v reverse current ir vr=5v -- -- 100 a peak emission wavelength p if=50ma -- 1300 -- nm spectral line half width ? if=50ma -- 70 -- nm half intensity beam angle ? if=50ma -- 45 -- deg infrared emitter product no: m t e 1 3 0 0 - w r c global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com 1 2012-12-07 *1: tw=10sec, t=10msec; *2: time 5 sec max, position: up to 3mm from the body.
unit: mm, tolerance: 0.2 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com infrared emitter product no: m t e 1 3 0 0 - w r c 2 2012-12-07 the information contained herein is subject to change without notice.
|